Part Number Hot Search : 
13N50C GKI10194 06K19FKE AD524AD NCP5181 STU446S D1246 L0025
Product Description
Full Text Search
 

To Download SB10150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.1-apr.4.2005 data sheet features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound.  exceeds environmental standards of mil-s-19500/228  low power loss, high efficiency.  low forwrd voltge, high current ca pability  high surge capacity.  for use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.  pb free product are available : 99% sn above can meet rohs environment substance directive request sb1020fct~SB10150FCT isolation schottky barrier rectifiers ito-220ab unit : inch (mm) .189(4.8) .406(10.3) .130(3.3) .114(2.9) .055(1.4) .055(1.4) .035(0.9) .011(0.3) (2.55) (2.55) positive ct ac ac .1 .1 .032(.8) .112(2.85) .272(6.9) .606(15.4) .543(13.8) .161(4.1)max .134(3.4) .165(4.2) .381(9.7) .114(2.9) .098(2.5) .039(1.0) .039(1.0) max .100(2.55) .248(6.3) .583(14.8) .512(13.0) .118(3.0) voltage 20 to 150 volts 10 amperes current mechancal data case: ito-220ab molded plastic terminals: solder plated, solderable per mil-std-202g, method 208 polarity: as marked. standard packaging: any weight: 0.08 ounces, 2.24grams. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% notes: both bonding and chip structure are available. r e t e m a r a pl o b m y s 0 2 0 1 b s t c f 0 3 0 1 b s t c f 0 4 0 1 b s t c f 5 4 0 1 b s t c f 0 5 0 1 b s t c f 0 6 0 1 b s t c f 0 8 0 1 b s t c f 0 0 1 0 1 b s t c f 0 5 1 0 1 b s t c f s t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv rrm 0 20 30 45 40 50 60 80 0 10 5 1v e g a t l o v s m r m u m i x a mv rms 4 11 28 25 . 1 35 32 46 50 75 0 1v e g a t l o v g n i k c o l b c d m u m i x a mv dc 0 20 30 45 40 50 60 80 0 10 5 1v ) m m 5 . 9 ( " 5 7 3 . t n e r r u c d r a w r o f e g a r e v a m u m i x a m t t a h t g n e l d a e lc0 0 1 = o c i av 0 1a - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s e v a w i fsm 0 5 1a g e l r e p , a 0 . 5 t a e g a t l o v d r a w r o f m u m i x a m v f 5 5 . 05 7 . 05 8 . 02 9 . 0v 5 2 = a t t n e r r u c e s r e v e r c d m u m i x a m o c 0 0 1 = a t e g a t l o v g n i k c o l b c d d e t a r t a o c i r 5 . 0 0 5 a m c n a t s i s e r l a m r e h t l a c i p y te r c j0 . 3 o w / c e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p ot j t , stg 5 2 1 + o t 0 5 - o c
page . 2 rev.1-apr.4.2005 rating and characteristic curves average forward current fig.1- forward current derating curve fig.2- typical instantaneous forward chracteristic fig.4- tmaximum non - repetitive surge current fig.3- typical reverse characteristic case temperature, c o 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 peak forward surge current , amperes no. of cycle at 60hz 240 210 180 150 120 90 60 30 0 12 51020 50100 8.3ms single half since-w ave jedec method 0.2 0.1 1.0 100 10 0.4 0.6 0.8 1.0 t=25c a o 20-40v 80-100v 150v forward current, amperes forward voltage, volts t =100 c j o t= c j25 o v =20-40v v =50-60v v =80-150v rrm rrm rrm 20 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 40 60 80 100 120 reverse current, ma percent of rated peak reverse voltage, % 50-60v


▲Up To Search▲   

 
Price & Availability of SB10150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X